PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRF5852TR |
20V Dual N-Channel HEXFET Power MOSFET in a TSOP-6 package
|
International Rectifier
|
IRF7307QPBF |
20V Dual N- and P- Channel HEXFET Power MOSFET in a Lead-Free SO-8 package
|
International Rectifier
|
IRF5850 IRF5850TR |
2200 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET -20V Dual P-Channel HEXFET Power MOSFET in a TSOP-6 package Ultra Low On-Resistance
|
International Rectifier
|
IRF3711LPBF IRF3711S IRF3711STRR IRF3711SPBF IRF37 |
20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
PT-7L PT-1MLA |
-20V Dual P-Channel HEXFET Power MOSFET in a 16-Lead FlipFET package 光电晶体管|达林顿| 800NM峰值波长| 20,000,000 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRL3713 with Lead Free Packaging 光电晶体管|达林顿| 800NM峰值波长| 2000万|的CAN - 4.2
|
Vishay Intertechnology, Inc.
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IRF7401 IRF7402 IRF7401TR |
20V Single N-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)=0.022ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.022ohm)
|
IRF[International Rectifier]
|